Part Number Hot Search : 
C2188 D3SBA6 STPS20 501B2 PDSP1 SC145405 4N33300W 4000B
Product Description
Full Text Search
 

To Download 30KP160 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 30KP33 thru 30KP400A 30kW Transient Voltage Suppressor
SCOTTSDALE DIVISION
DESCRIPTION These Microsemi 30 kW Transient Voltage Suppressors (TVSs) are designed for applications requiring protection of voltage-sensitive electronic devices that may be damaged by harsh or severe voltage transients including lightning per IEC61000-4-5 and class levels with various source impedances described herein. This series is available in 33 to 400 volt standoff voltages (VWM) in both unidirectional and bi-directional with either 5% or 10% tolerances of the Breakdown Voltage (VBR). Microsemi also offers numerous other TVS products to meet higher or lower power demands and special applications
IMPORTANT: For the most current data, consult MICROSEMI's website: http://www.microsemi.com
APPEARANCE
WWW . Microsemi .C OM
FEATURES
* * * * * Available in both Unidirectional and Bidirectional construction (Bidirectional with C or CA suffix) Selections for 33 to 400 volt standoff voltages VWM Suppresses transients up to 30 kW @ 10/1000 s and 200 kW @ 8/20 s (see Figure 1) Fast response Options for screening in accordance with MIL-PRF19500 for JAN, JANTX, JANTXV, and JANS are available by adding MQ, MX, MV, or MSP prefixes respectively to part numbers. Moisture classification is Level 1 with no dry pack required per IPC/JEDEC J-STD-020B
APPLICATIONS / BENEFITS
* Protection from switching transients and induced RF * Protection from ESD, and EFT per IEC 61000-4-2 and IEC 61000-4-4 * Secondary lightning protection per IEC61000-4-5 with 42 Ohms source impedance: Class 1,2,3,4: 30KP33A - 30KP400A or CA Class 5: 30KP33A - 30KP400A or CA (short distance) Class 5: 30KP33A - 30KP220A or CA (long distance) * Secondary lightning protection per IEC61000-4-5 with 12 Ohms source impedance: Class 1,2, 3: 30KP33A to 30KP400A or CA Class 4: 30KP33A to 30KP220A or CA * Secondary lightning protection per IEC61000-4-5 with 2 Ohms source impedance: Class 2: 30KP33A to 30KP400A or CA Class 3: 30KP33 to 30KP220A or CA Class 4: 30KP33 to 30KP110A or CA
*
MAXIMUM RATINGS
* * * * * Peak Pulse Power dissipation at 25 C: 30,000 watts at 10/1000 s (also see Figures 1 and 2) Impulse repetition rate (duty factor): 0.05% tclamping (0 volts to V(BR) min.): < 100 ps theoretical for unidirectional and < 5 ns for bidirectional Operating & Storage temperature: -65C to +150C Thermal resistance: 17.5C/W junction to lead, or 77.5C/W junction to ambient when mounted on FR4 PC board with 4 mm2 copper pads (1oz) and track width 1 mm, length 25 mm Steady-State Power dissipation: 7 watts at TL = 27.5oC, or 1.61 watts at TA = 25C when mounted on FR4 PC board described for thermal resistance Forward Surge: 250 Amps 8.3 ms half-sine wave Solder temperatures: 260 C for 10 s (maximum)
MECHANICAL AND PACKAGING
* * * * * * * CASE: Void-free transfer molded thermosetting epoxy body meeting UL94V-0 FINISH: Tin-Lead plated readily solderable per MILSTD-750, method 2026 MARKING: Body marked with part number POLARITY: Band denotes cathode. Bidirectional not marked for polarity WEIGHT: 1.8 grams. TAPE & REEL option: Standard per EIA-296 for axial package (add "TR" suffix to part number) See package dimension on last page
30KP33 - 30KP400A KP33
*
* *
Copyright 2003 06-24-2003 REV F
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
30KP33 thru 30KP400A 30kW Transient Voltage Suppressor
SCOTTSDALE DIVISION
ELECTRICAL CHARACTERISTICS
Part Number Rated Stand-off Voltage VWM VOLTS Breakdown Voltage V(BR) Volts @ I(BR) I(BR) V(BR) VOLTS mA Maximum Clamping @ IPP 10/1000s VC VOLTS Maximum Reverse Leakage @ VWM ID Amps
5000 5000 5000 5000 1500 1500 500 500 150 150 150 150 50 50 25 25 15 15 15 15 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10
WWW . Microsemi .C OM
Maximum Peak Pulse Current IPP Amps
496 548 454 502 412 456 380 430 372 410 350 386 328 362 310 342 288 320 280 304 260 288 238 264 222 246 214 238 198 218 188 206 168 186 154 168 140 156 130 142 112 124 104 116 98 110 94 104 84 94 76 84 74 71 66 62 53 46
Maximum V(BR) temperature Coefficient VZ o mV/ C
42 38 46 41 51 46 55 50 57 52 62 56 66 60 70 63 76 68 78 71 84 76 92 83 100 89 104 93 113 102 120 109 134 121 147 133 161 145 174 157 202 183 216 195 229 207 242 219 269 243 297 269 306 318 344 368 430 490
64.6 50 36.7-44.9 33 30KP33 58.6 50 36.7-40.6 33 30KP33A 68.2 50 40.0-48.9 36 30KP36 61.8 50 40.0-44.2 36 30KP36A 75.8 20 44.4-54.3 40 30KP40 68.6 20 44.4-49.1 40 30KP40A 79.0 10 47.8-58.4 43 30KP43 71.0 10 47.8-52.8 43 30KP43A 80.7 5 50.0-61.1 45 30KP45 73.0 5 50.0-55.3 45 30KP45A 85.9 5 53.3-65.1 48 30KP48 77.7 5 53.3-58.9 48 30KP48A 91.5 5 56.7-69.3 51 30KP51 82.8 5 56.7-62.7 51 30KP51A 96.8 5 60.0-73.3 54 30KP54 87.5 5 60.0-66.3 54 30KP54A 104 5 64.4-78.7 58 30KP58 94.0 5 64.4-71.2 58 30KP58A 107 5 66.7-81.5 60 30KP60 97.3 5 66.7-73.7 60 30KP60A 115 5 71.1-86.9 64 30KP64 104 5 71.1-78.6 64 30KP64A 126 5 77.8-95.1 70 30KP70 114 5 77.8-86.0 70 30KP70A 135 5 83.3-102.0 75 30KP75 122 5 83.3-92.1 75 30KP75A 140 5 86.7-106.0 78 30KP78 126 5 86.7-95.8 78 30KP78A 152 5 94.4-115 85 30KP85 137 5 94.4-104 85 30KP85A 160 5 100-122 90 30KP90 146 5 100-111 90 30KP90A 179 5 111-136 100 30KP100 162 5 111-123 100 30KP100A 196 5 122-149 110 30KP110 178 5 122-135 110 30KP110A 214 5 133-163 120 30KP120 193 5 133-147 120 30KP120A 231 5 144-176 130 30KP130 209 5 144-159 130 30KP130A 268 5 167-204 150 30KP150 243 5 167-185 150 30KP150A 287 5 178-218 160 30KP160 259 5 178-197 160 30KP160A 304 5 189-231 170 30KP170 275 5 189-209 170 30KP170A 321 5 200-244 180 30KP180 291 5 200-221 180 30KP180A 356 5 222-271 200 30KP200 322 5 222-245 200 30KP200A 393 5 245-299 220 30KP220 356 5 245-271 220 30KP220A 403 5 278-308 250 30KP250A 419 5 289-320 260 30KP260A 451 5 311-345 280 30KP280A 483 5 333-369 300 30KP300A 30KP350A 350 389-431 5 564 30KP400A 400 444-492 5 644 NOTE: For bidirectional construction, indicate a C or CA suffix after the part number.
30KP33 - 30KP400A
Copyright 2003 06-24-2003 REV F
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 2
30KP33 thru 30KP400A 30kW Transient Voltage Suppressor
SCOTTSDALE DIVISION
Symbol
VBR VRWM VF IR C
SYMBOLS & DEFINITIONS Definition
Minimum Breakdown Voltage: The minimum voltage the device will exhibit at a specified current. Working Peak Reverse Voltage: The maximum peak voltage that can be applied over the operating temperature range. Maximum Forward Voltage: The maximum forward voltage the device will exhibit at a specified current. Maximum Leakage Current: The maximum leakage current that will flow at the specified voltage and temperature. Capacitance: The capacitance of the TVS as defined @ 0 volts at a frequency of 1 MHz and stated in picofarads.
WWW . Microsemi .C OM
OUTLINE AND CIRCUIT
PPP - Peak Pulse Power - kW
TP - Pulse Time - sec
FIGURE 1 Peak Pulse Power vs. Pulse Time
FIGURE 2 Pulse Wave Form
DIMENSIONS
C - CAPACITANCE - PICOFARADS
30KP33 - 30KP400A KP33
FIGURE 3 Typical Capacitance vs. Breakdown Voltage
V(BR) - BREAKDOWN VOLTAGE - VOLTS
Copyright 2003 06-24-2003 REV F
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 3


▲Up To Search▲   

 
Price & Availability of 30KP160

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X